PART |
Description |
Maker |
YF48D12-830 YF48D15-660 YF24D12-625 YFW24D15-500 |
Cyclone II FPGA 8K TQFP-144 MAX 3000A CPLD 64 MC 44-TQFP MAX II CPLD 240 LE 100-TQFP 模拟IC STRATIX III FPGA 150K 1152BGA 模拟IC
|
Integrated Device Technology, Inc. Electronic Theatre Controls, Inc.
|
ST2245P-4.000MHZ ST2245E-4.000MHZ ST2245EP-4.000MH |
IC ACEX 1K FPGA 50K 208-PQFP Crystal Oscillator FPGA, FLEX 6000, 24K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:6024; Logic IC function:EPF6024A; Voltage, supply:3.30V; Case style:PQFP; Gates, No. of:24000; I/O lines, No. of:171; Pins, No. of:208; Temp, op. RoHS Compliant: Yes IC MAX 7000 CPLD 128 100-TQFP IC ACEX 1K FPGA 30K 208-PQFP MAX 3000A CPLD 64 MC 44-PLCC Cyclone II FPGA 5K TQFP-144 Stratix II FPGA 60K FBGA-1020 Cyclone II FPGA 5K PQFP-208 Stratix II FPGA 30K FBGA-672 Cyclone FPGA 12K PQFP-240 MAX II CPLD 1270 LE 256-FBGA Stratix II FPGA 15K FBGA-484 IC APEX 20KE FPGA 100K Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Cyclone II FPGA 35K FBGA-672 CONFIGURATION DEVICE, 1.6MBIT, PLCC20; Memory type:Configuration FLASH; Interface type:Serial; Memory size:1.6Mbit; Frequency:16.7MHz; Temp, op. min:0(degree C); Temp, op. max:70(degree C); Case style:PLCC; Temperature, operating RoHS Compliant: Yes MAX 3000A CPLD 256 MC 144-TQFP 晶体振荡 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No
|
Pletronics
|
BCX76-40 BF413 BC140-25 BC537-16 MPS6573 BC328-10 |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 800MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 170V V(BR)CEO | 50MA I(C) | TO-92 Stratix II GX FPGA 130K FPGA-1508 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | TO-92 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 200MA I(C) | TO-92 IC MAX 7000 CPLD 64 44-TQFP IC FLEX 10KA FPGA Cyclone II FPGA 50K FBGA-484 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-92 2GB DDR2 SDRAM VLP DIMM MAX 7000 CPLD 128 MC 100-TQFP TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 5A I(C) | TO-37 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-92 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 200MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18 Cyclone FPGA 6K PQFP-240 CYCLONE III FPGA 119K 484FBGA MAX 7000 CPLD 64 MC 100-TQFP MAX 3000A CPLD 32 MC 44-TQFP Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) TRANSISTOR | BJT | NPN | 1A I(C) | TO-105 Dual Matched Amplifiers with Digitally Programmable Gain in MSOP; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C IC MAX 7000 CPLD 128 144-TQFP MAX II CPLD 1270 LE 144-TQFP Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:220; Package/Case:484-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Leaded Cartridge Fuse; Current Rating:12A; Voltage Rating:32V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:32V; Body Material:Glass; Diameter:6.985mm; Leaded Process Compatible:Yes; Length:32.385mm; Series:315P RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 6V V(BR)CEO | TO-18 晶体管|晶体管|进步党| 6V的五(巴西)总裁|8 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|2 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | TO-92 晶体管|晶体管|进步党| 25V的五(巴西)总裁|2 MAX 7000 CPLD 512 MC 208-PQFP 晶体管|晶体管|叩| 20V的五(巴西)总裁| 500mA的一(c)|2 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1A I(C) | TO-92 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 1A条一(c)|2 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | TO-18
|
EM Microelectronic Bourns, Inc. SEMIKRON Samsung Semiconductor Co., Ltd. California Eastern Laboratories, Inc.
|
BA403 BA401 BA305 BC105 BC102 BC204 BA204 BA103 BC |
DC to DC Converter - Datasheet Reference DC/DC Converters CY7C68013A, CY7C68014A, CY7C68015A, CY7C68016A: EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller 36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL Architecture Cyclone II FPGA 5K TQFP-144 DC to DC Converter DC至DC转换 CY2304NZ Four Output PCI-X and General Purpose Buffer DC至DC转换
|
XPiQ Inc. Intel, Corp.
|
LFXP15C-3FN484I LFXP3E-4QN208C LFXP3E-3T100C LFXP3 |
FPGA, 1932 CLBS, PBGA484 23 X 23 MM, LEAD FREE, FPBGA-484 FPGA, 1932 CLBS, PBGA484 23 X 23 MM, FPBGA-484 FPGA, 1216 CLBS, PBGA388 23 X 23 MM, FPBGA-388 FPGA, 1932 CLBS, PBGA388 23 X 23 MM, FPBGA-388 FPGA, 384 CLBS, PQFP100 14 X 14 MM, TQFP-100 FPGA, 384 CLBS, PQFP100 14 X 14 MM, LEAD FREE, TQFP-100 FPGA, 2464 CLBS, PBGA388 23 X 23 MM, FPBGA-388 FPGA, 2464 CLBS, PBGA256 17 X 17 MM, FPBGA-256 FPGA, 2464 CLBS, PBGA484 23 X 23 MM, FPBGA-484 FPGA, 720 CLBS, PQFP208 28 X 28 MM, PLASTIC, LEAD FREE, PQFP-208 FPGA, 720 CLBS, PQFP144 20 X 20 MM, LEAD FREE, TQFP-144 FPGA, 720 CLBS, PQFP208 28 X 28 MM, PLASTIC, PQFP-208 FPGA, 720 CLBS, PBGA256 17 X 17 MM, FPBGA-256 FPGA, 720 CLBS, PQFP144 20 X 20 MM, TQFP-144 FPGA, 720 CLBS, PBGA256 17 X 17 MM, LEAD FREE, FPBGA-256 FPGA, 1216 CLBS, PBGA388 23 X 23 MM, LEAD FREE, FPBGA-388 FPGA, 2464 CLBS, PBGA484 23 X 23 MM, LEAD FREE, FPBGA-484 FPGA, 384 CLBS, PQFP208 28 X 28 MM, PLASTIC, PQFP-208 FPGA, 2464 CLBS, PBGA388 23 X 23 MM, LEAD FREE, FPBGA-388 FPGA, 1932 CLBS, PBGA256 FPGA, 1216 CLBS, PBGA256
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
LFECP10E-3FN484C LFECP10E-3FN484I LFECP15E-3FN484C |
FPGA, 1280 CLBS, 10200 GATES, 420 MHz, PBGA484 23 X 23 MM, LEAD FREE, FPBGA-484 FPGA, 1920 CLBS, 15400 GATES, 420 MHz, PBGA484 23 X 23 MM, LEAD FREE, FPBGA-484 FPGA, 1280 CLBS, 10200 GATES, 420 MHz, PBGA256 17 X 17 MM, LEAD FREE, FPBGA-256 FPGA, 192 CLBS, 1500 GATES, 420 MHz, PQFP208 28 X 28 MM, LEAD FREE, PLASTIC, QFP-208 FPGA, 2464 CLBS, 19700 GATES, 420 MHz, PBGA484 23 X 23 MM, LEAD FREE, FPBGA-484 FPGA, 2464 CLBS, 19700 GATES, 420 MHz, PBGA672 27 X 27 MM, LEAD FREE, FPBGA-672 FPGA, 384 CLBS, 3100 GATES, 420 MHz, PQFP208 28 X 28 MM, LEAD FREE, PLASTIC, QFP-208 FPGA, 4096 CLBS, 32800 GATES, 420 MHz, PBGA672 27 X 27 MM, LEAD FREE, FPBGA-672 FPGA, 4096 CLBS, 32800 GATES, 420 MHz, PBGA484 23 X 23 MM, LEAD FREE, FPBGA-484 FPGA, 384 CLBS, 3100 GATES, 420 MHz, PBGA256 17 X 17 MM, LEAD FREE, FPBGA-256 FPGA, 384 CLBS, 3100 GATES, 420 MHz, PQFP100 14 X 14 MM, LEAD FREE, TQFP-100 FPGA, 192 CLBS, 1500 GATES, 420 MHz, PQFP144 20 X 20 MM, LEAD FREE, TQFP-144 FPGA, 768 CLBS, 6100 GATES, 420 MHz, PBGA256 FPGA, 1.2V, SMD, TQFP100; Logic IC family:FPGA; Logic IC Base Number:3E; Logic IC function:Programmable FPGA; Voltage, supply:1.2V; Case style:TQFP / 100; Base number:3; I/O lines, No. of:67; Packaging type:Peel Pack; Pins, No. RoHS Compliant: Yes FPGA, 1280 CLBS, 10200 GATES, 420 MHz, PQFP208
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
LFXP2-5E-5TN144C LFXP2-5E-5TN144I LFXP2-17E-6FN484 |
FPGA, 311 MHz, PQFP144 20 X 20 MM, LEAD FREE, TQFP-144 FPGA, 357 MHz, PBGA484 23 X 23 MM, LEAD FREE, FPBGA-484 FPGA, 311 MHz, PBGA256 17 X 17 MM, FTBGA-256 FPGA, 311 MHz, PQFP208 28 X 28 MM, LEAD FREE, PLASTIC, QFP-208 FPGA, 357 MHz, PBGA256 17 X 17 MM, LEAD FREE, FTBGA-256 FPGA, 311 MHz, PBGA256 17 X 17 MM, LEAD FREE, FTBGA-256 FPGA, 357 MHz, PBGA484 23 X 23 MM, FPBGA-484 FPGA, 357 MHz, PBGA256 17 X 17 MM, FTBGA-256 FPGA, 420 MHz, PBGA484 23 X 23 MM, FPBGA-484 FPGA, 311 MHz, PBGA132 8 X 8 MM, CSBGA-132
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
EP1C3F400C8ES EP1C3Q400C8ES EP1C3F400 EP1C3F400C6 |
Cyclone FPGA Family
|
Altera Corporation
|
A42MX09-PL100 A42MX09-PL100ES A42MX09-PL100I A42MX |
FPGA, 336 CLBS, 14000 GATES, PQCC84 FPGA, 608 CLBS, 24000 GATES, 117 MHz, PQFP100 FPGA, 608 CLBS, 24000 GATES, 56.16 MHz, PQFP100 FPGA, 608 CLBS, 24000 GATES, PQFP100 FPGA, 336 CLBS, 14000 GATES, PQFP100 FPGA, 912 CLBS, 36000 GATES, PQCC84 FPGA, 912 CLBS, 36000 GATES, 114.75 MHz, PQCC84 FPGA, 1184 CLBS, 54000 GATES, PBGA272 FPGA, 547 CLBS, 6000 GATES, 108.54 MHz, PQCC84 FPGA, 608 CLBS, 24000 GATES, 56.16 MHz, PQFP176 FPGA, 608 CLBS, 24000 GATES, PQFP176 FPGA, 912 CLBS, 36000 GATES, 84 MHz, PQFP176 1.40 MM HEIGHT, PLASTIC, TQFP-176 FPGA, 608 CLBS, 24000 GATES, 93.6 MHz, PQFP176 1.40 MM HEIGHT, PLASTIC, TQFP-176 FPGA, 336 CLBS, 14000 GATES, 117 MHz, PQFP176 1.40 MM HEIGHT, PLASTIC, TQFP-176 40MX and 42MX FPGA Families FPGA, 547 CLBS, 6000 GATES, PQFP100
|
Actel, Corp. Actel Corporation
|
EP1C12Q240I6ES EP1C12Q240I8ES EP1C3T144C7ES EP1C20 |
CYCLONE FPGA FAMILY DATA SHEET
|
ALTERA[Altera Corporation]
|
EP4CE10U14I7N EP4CE55F23I7N EP4CE6E22I7 EP4CE115 E |
1. Cyclone IV FPGA Device Family Overview
|
Altera Corporation
|
XCS30XL-4VQ100C XCS30XL-4CS280C |
FPGA,576-CELL,CMOS,TQFP,100PIN,PLASTIC FPGA - Datasheet Reference From old datasheet system
|
Xilinx Inc
|
|